PART |
Description |
Maker |
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LC5512MC-75F256C LC5512MC-45F256C LC5512MC-75F484C |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDFamily 3.3.5V1.8V在系统可编程扩展可编程逻辑器件XPLD⑩家 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
UPSD3212A-40T6 UPSD3212A-40T6T UPSD3212A-40U6 UPSD |
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic Flash Programmable System Device with 8032 MCU with USB and Programmable Logic Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
|
ST Microelectronics
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AT90S2313 |
2-Kbyte In-System programmable Flash Program Memory, 160 byte SRAM, 128 Byte EEPROM, Up to 10 MIPS throughput at 10 Mhz. 8-bit Microcontroller with 2K Bytes of In-System
Programmable Flash
|
ATMEL
|
CY8C24033-24PVXI CY8C24633-24PVXI CY8C24633-24PVXI |
PSoC? Programmable System-on-Chip Programmable System-on-Chip; Voltage: 3.0V - 5.25V; GPIO: 25; Analog Blocks: 4; Digital Blocks: 4; Flash: 8KB; RAM: 256B; Temp: I; Comm: I2C, SPI, UART; Package: 28 SSOP SPECIALTY MEMORY CIRCUIT, PDSO28
|
Cypress Semiconductor, Corp.
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
PSD401A1-C-90JI PSD401A1-C-90UI PSD401A2-C-90JI PS |
Low Cost Field Programmable Microcontroller Peripherals Flash In-System Programmable ISP Peripherals For 8-bit MCUs PSD4XX/ZPSD4XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS
|
ST Microelectronics
|
CY8CNP102E-AXI CY8CNP102B CY8CNP102B-AXI |
System on a Chip; Supply Voltage: 5V; Temperature Range: -40° to 85°C; Package: 100-TQFP; Features: Nonvolatile, Programmable MULTIFUNCTION PERIPHERAL, PQFP100 Nonvolatile Programmable System-on-Chip(PSoC? NV)
|
Cypress Semiconductor, Corp.
|
CY8C5467LTI-007 CY8C5468AXI-018 CY8C5467AXI-011 CY |
Programmable System-on-Chip (PSoC庐) Programmable System-on-Chip (PSoC?)
|
Cypress Semiconductor
|
CY8C24094 CY8C24094-24AXI CY8C24094-24BVXI CY8C240 |
PSoC庐 Programmable System-on-Chip??/a> PSoC? Programmable System-on-Chip?/a>
|
Cypress Semiconductor
|